PART |
Description |
Maker |
APT5025BN APT5030BN |
POWER MOS IV 500V 23.0A 0.25 Ohm / 500V 21.0A 0.30 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
FQB5N50C FQI5N50C FQB5N50CTM FQI5N50CTU |
500V N-Channel MOSFET 5 A, 500 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STP20NK50Z STB20NK50Z STB20NK50Z-S STB20NK50ZT4 ST |
RESNET 51-OHM 8-ELEMENT 5% 0.063W THK-FILM CONCAVE SMD-4.0X2.1 TR-7-PL RESISTOR ARRAY Thick Film Resistor Network; Series:RNA4A; Resistance:47kohm; Resistance Tolerance: /- 5 %; Power Rating:0.063W; Voltage Rating:25V; Temperature Coefficient: /-250 ppm; Package/Case:10-SOIC; Network Circuit Type:Dual Termination N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247 N-CHANNEL 500V -0.23ヘ- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 500V - 0.23 OHM - 17A TO-220 / D2PAK / I2SPAK / TO-247 ZENER-PROTECTED SUPERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FRS440R FRS440D FRS440H |
5A, 500V, 1.420 Ohm, Rad Hard,N-Channel Power MOSFETs(5A, 500V, 1.420Ω,抗辐射N沟道功率MOS场效应管) 5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs 5A/ 500V/ 1.420 Ohm/ Rad Hard/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
FRK460D FRK460H FRK460R FN3238 |
17A/ 500V/ 0.400 Ohm/ Rad Hard/ N-Channel Power MOSFETs 17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
APT5010LLC APT5010B2LC APT5010B2LC-06 |
47 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs. POWER MOS VI 500V 47A 0.100 Ohm
|
Advanced Power Technolo... Advanced Power Technology Ltd.
|
STW20NM50 |
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?┬ower MOSFET N-CHANNEL Power MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?Power MOSFET N-CHANNEL 500V - 0.20 OHM - 20A TO-247 MDMESH POWER MOSFET
|
??????浣? ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQNL2N50BBU |
500V N-Channel QFET; Package: TO-92L; No of Pins: 3; Container: Bulk 0.35 A, 500 V, 5.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
NDD04N50Z |
Power MOSFET 500V 2.7 Ohm Single N-Channel
|
ON Semiconductor
|
STP10NB50 |
N-CHANNEL 500V - 0.55 OHM - 10.6A - TO-220 POWERMESH MOSFET
|
ST Microelectronics
|